PART |
Description |
Maker |
IXFA10N60P |
Polar MOSFETs
|
IXYS Corporation
|
227CKE010M |
Radial lead BI-POLAR / NON-POLAR
|
Illinois Capacitor, Inc...
|
226PBM025M |
Radial lead BI-POLAR / NON-POLAR
|
Illinois Capacitor, Inc...
|
106BPS050M |
Radial lead BI-POLAR / NON-POLAR
|
Illinois Capacitor, Inc...
|
GS6333UR18D2 GS6333UR19D1 GS6333UR19D2 GS6333UR19D |
D-Subminiature Connector; Gender:Female; No. of Contacts:9; Contact Termination:Crimp; D Sub Shell Size:DB9; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO N FEMALE BULKHEAD; 50 OHM, RG174A/U COAX; 12" CABLE LENGTH; 3引脚,低功率,P复位电路 Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 220uF; Voltage: 16V; Case Size: 10x12.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 3300uF; Voltage: 16V; Case Size: 18x35.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 330uF; Voltage: 10V; Case Size: 10x16 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x31.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 1000uF; Voltage: 16V; Case Size: 12.5x25 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x16 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 330uF; Voltage: 16V; Case Size: 10x16 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 33uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 100uF; Voltage: 16V; Case Size: 8x11.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 47uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x31.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 4700uF; Voltage: 10V; Case Size: 18x35.5 mm; Packaging: Bulk 3 Pin, Low-Power, P Reset Circuits IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3, SOT-23, 3 PIN, Power Management Circuit
|
VISHAY SEMICONDUCTORS Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IXFH75N10Q IXFT75N10Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HIPER FET POWER MOSFETS Q CLASS
|
IXYS[IXYS Corporation] ETC
|
IXFR180N06 |
HiPerFETTM Power MOSFETs 180 A, 60 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFK27N80 IXFK25N80 IXFN27N80 IXFN25N80 |
CAP,Polypropylene,60uF,10-% Tol,10 % Tol HiPerFETTM Power MOSFETs MOSFET with FAST Intrinsic Diode Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
IXFRB24N50Q IXFR24N50Q IXFR26N50Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HIPERFET POWER MOSFETS ISOPLUS247 (ELECTRICALLY ISOLATED BACK SURFACE)
|
IXYS Corporation
|
105BPA100M 475BPA050M 475BPA100M 105BPA050M 108BPA |
85隆?C Non-Polar Axial Lead Aluminum Electrolytic Capacitors 85°C Non-Polar Axial Lead Aluminum Electrolytic Capacitors 85°C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
EDE1204 |
Bi-Polar Stepper Motor IC
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
IXFH11N80 IXFH13N80 IXFM13N80 IXFM11N80 |
HiPerFET Power MOSFETs 13 A, 800 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|